Part Number Hot Search : 
N5519 VN1106N2 72U20 VN1106N2 1N5335B IRF1010 196NT 6N139
Product Description
Full Text Search
 

To Download TS13D9-CD11G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITOR
FOR E N E R G Y LA M P
Suntan(R)
TS13D CD11G
FEATU R E S
105 3000hour Specifications
I
T
E
M
S PERFORMANCE
DC160~450V 20% Raged Voltage (V) Tan 200 0.06
CHARACTERISTICS
Rated Voltage Capacitance Dissipation Factor
250 0.06
350 0.08
400 0.08
450 0.12
Rated Voltage (V)
200~250V 0.01CV or 3A whichever is greater (at 20, after 2 minutes
350~450V 0.06CV+10A (at 20, after 2 minutes
Leakage Current
Leakage Current
Load Life (+130 or 105)
After application of the voltage plust the rated ripple current at 105, the capacitors shall meet the below requirement Time 3000hours Leakage Current Not more than the specified value. Capacitance Change Within30% of the initial value Dissipation Factor Not more than 300% of the specified value. After leaving capacitors under no load at 105 for 1000 hours, capacitors shall meet the specified value for load life characteristics listed above
Shelf Life (105)
Dimensions
mm
Multiplier for ripple current Frequency coefficient factor for ripple current
Frequency
120
W.V Factor
1K 0.85 0.8
10-30K 0.9 0.9
30-100K 1.00 1.00
D d F
6 0.5 2.5
8 0.6 3.5
10 0.6 5.0
12 0.6 5.0
16 0.8 7.5
18 0.8 7.5
200-250 350-450
0.55 0.5
Case Size DxL (mm) Ripple Current (mA, 105/120Hz)
WV/V Cap/F 1.0 2.2 3.3 4.7 6.8 10 22 33 47 68 100 150 220 160
Size Ripple Size
200
Ripple Size
250
Ripple Size
350
Ripple Size
400
Ripple Size
450
Ripple
6.3x11 6.3x11 8x12 8x12 8x16 8x16 10x20 13x20 13x25 13x25 16x25 18x30 18x35
30 35 40 50 65 85 150 190 230 270 380 450 550
6.3x11 6.3x11 8x12 8x12 8x16 10x17 10x20 13x20 13x25 16x25 16x30 18x35 18x40
30 35 40 50 65 95 170 230 250 290 420 500 650
6.3x11 8x12 10x14 8x12 8x16 10x20 13x20 13x25 16x25 16x30 18x30 ---
30 35 40 50 70 100 230 240 270 340 450 ---
8x12 8x16 10x17 10x17 10x17 13x20 13x25 16x25 16x30 16x35 ----
35 40 50 60 80 110 230 190 250 320 ----
8x12 8x16 10x17 10x20 10x20 13x20 16x25 16x30 16x35 18x35 ----
35 40 50 60 80 110 160 240 320 380 ----
8x12 8x16 10x17 13x20 10x20 13x20 16x25 16x30 18x31 -----
35 45 50 60 60 120 210 260 330 -----
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan(R) Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


▲Up To Search▲   

 
Price & Availability of TS13D9-CD11G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X